Part Number Hot Search : 
CLT5170 SB2040 R0100 03001 R0100 SB2040 XCX15DNH M630Q
Product Description
Full Text Search
 

To Download CRCW1210XXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D...-CRCW
Vishay
Thick Film, Rectangular Chip Resistors
FEATURES
* Metal glaze on high quality ceramic * Protective overglaze * Solder contacts on Ni barrier layer * Excellent stability in different environmental conditions * High volume product suitable for commercial and special applications
STANDARD ELECTRICAL SPECIFICATIONS
MODEL SIZE POWER RATING P70C W LIMITING ELEMENT VOLTAGE MAX V
TEMPERATURE TOLERANCE RESISTANCE COEFFICIENT RANGE
INCH METRIC CECC 40401-802/EIA-575 CRCW0201 0201 0525 D10 CRCW0402 0402 1005
ppm/K
0.05 30 200 Zero-Ohm-Resistor : R max = 20m I max = 1A 0.063 Zero-Ohm-Resistor : R
max
50 = 20m 75
D11 CRCW0603 0603 1608
0.10
Zero-Ohm-Resistor : R max = 20m D12 CRCW0805 0805 2012 0.125
Zero-Ohm-Resistor : R D25 CRCW1206 1206 3216 0.25
Zero-Ohm-Resistor : R max = 20m CRCW1210 1210 3225
CRCW1218 1218 3246
CRCW2010 2010 5025
w
w
w
0.33
Zero-Ohm-Resistor : R max = 20m 1.0 200
.D
t a
max = 20m
S a
150 200 200
e h
I max I max
2001) 100 200 I max = 1A
2001) 100 200 = 1.5A
t e
U 4
% 5 1 1 5 1 1 5 1 1 5 1 1 5 1 1 5 1 1 5 1 1 5 1 1 5
.c
m o
E-SERIES
10R- 1M0
24 24 + 96 24 + 96 24 24 + 96 24 + 96 24 24 + 96 24 + 96 24 24 + 96 24 + 96 24 24 + 96 24 + 96 24 24 + 96 24 + 96 24 24 + 96 24 + 96 24
1R0 - 9R76 10R - 10M 1R0 - 10M 1R0 - 9R76 10R - 10M 1R0 - 10M 1R0 - 9R76 10R - 10M 1R0 - 10M 1R0 - 9R76 10R - 10M 1R0 - 10M 1R0 - 9R76 10R - 1M0 1R0 - 10M 1R0 - 9R76 10R - 2M2 1R0 - 2M2 1R0 - 9R76 10R - 10M 1R0 - 10M 1R0 - 9R76 10R - 10M 1R0 - 10M
2001) 100 200 I max = 2A 2001) 100 200 = 2.5A
2001) 100 200 I max = 2.5A 2001) 100 200 I max = 4A 2001) 100 200 I max = 3A 2001) 100 200 I max = 4A
Zero-Ohm-Resistor : R max = 20m 0.5 400
Zero-Ohm-Resistor : R max = 20m CRCW2512 2512 6332 1.0 500
Zero-Ohm-Resistor : R max = 20m
1)
100ppm/K on request * Marking and packaging: see appropriate catalog or web pages * Ask about further value ranges * For precision Thick Film CRCW see Thick Film rectangular * For low values see Thick Film rectangular low value resistors Precision Resistors * For high values see Thick Film rectangular high values. * Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material * AgPd or Pd terminations for conductive adhesive attachment on request
www.vishay.com 30
For technical questions in Europe contact : ff1aresistors@vishay.com For technical questions in Americas/Asia contact : ff2bresistors@vishay.com
w
w
w
.D
at
Sh a
et e
24 + 96 24 + 96 24
4U
.
om c
Document Number 20008 Revision 28-Apr-03
D...-CRCW
Thick Film, Rectangular, Chip Resistors
DIMENSIONS
0201 0402 0603 0805 1206 1210 1218 2010 2512 SIZE INCH METRIC 0525 1005 1608 2012 3216 3225 3246 5025 6332 L DIMENSIONS [in millimeters] W H T1 T2
Vishay
0.6 0.05 0.3 0.05 0.23 0.05 0.15 0.05 0.15 0.05 1.0 0,05 0.5 0.05 0.35 0.05 0.25 0.05 0.2.0.1 1.55 2.0 3.2
+ 0.10 - 0.05 + 0.20 - 0.10 + 0.10 - 0.20
0.85 0.1 0.45 0.05 0.3 0.2 1.25 0.15 0.45 0.05 0.3 - 0.10
+ 0.20
0.3.0.2 0.3.0.2 0.4.0.2 0.4.0.2 0.4.0.2 0.6.0.2 0.6.0.2
1.6 0.15 0.55 0.05 0.45 0.2 2.5 0.2 0.55 0.05 0.45 0.2 4.6 0.15 0.55 0.05 0.45 0.2 0.6 0.2 0.6 0.2
3.2 0.2 3.2
+ 0.10 - 0.20
5.0 0.15 2.5 0.15 0.6 0.05 6.3 0.2 3.15 0.15 0.6 0.05
SIZE INCH METRIC 0201 0525 0402 1005 0603 1608 0805 2012 1206 3216 1210 3225 1218 3246 2010 5025 2512 6332
SOLDER PAD DIMENSIONS [in millimeters] REFLOW SOLDERING a 0.28 0.4 0.5 0.7 0.9 0.9 1.05 1.0 1.0 b 0.43 0.6 0.9 1.3 1.7 2.5 4.9 2.5 3.2 l 0.23 0.5 1.0 1.2 2.0 2.0 1.9 3.9 5.2 WAVE SOLDERING a b l
0.9 0.9 1.1 1.1 1.25 1.2 1.2
0.9 1.3 1.7 2.5 4.8 2.5 3.2
1.0 1.3 2.3 2.2 1.9 3.9 5.2
TECHNICAL SPECIFICATIONS
PARAMETER Rated Dissipation at 70C (CECC 40401 | EIA 575) Limiting Element Voltage 2) Insulation Voltage (1 min) Thermal Resistance Insulation Resistance Category Temperature Range Failure Rate Weight / 1000pcs
1) 2)
UNIT CRCW0201 W V Vpeak K/W C h-1 g 1.10- 9 0.17 0.05 30 50
D10 D11 D12 D25 CRCW1210 CRCW1218 CRCW2010 CRCW2512 CRCW0402 CRCW0603 CRCW0805 CRCW1206 0.063 50 > 75 8701) 0.10 75 > 100 5501) 0.125 150 > 200 4401) 0.25 200 > 300 2201) > 10
9
0.33 200 > 300 1403)
1.0 200 > 300
3)
0.5 400 > 300 883)
1.0 500 > 300 653)
- 55 / + 125 (+ 155) 0.3 * 10-9 0.65
3)
2
5.5
10
16
29.5
25.5
40.5
Measuring conditions in acc. to CECC 40401 Rated voltage: PxR
Depending on solder pad dimensions
ORDERING INFORMATION
D-SERIES D11 MODEL 100 TC ppm / K 562R RESISTANCE VALUE 1% TOLERANCE % F = 1%, J = 5% PN PACKAGING Papertape 20000 pcs
CRCW-SERIES CRCW 0603 MODEL SIZE
5620 RESISTANCE VALUE 1% = 3 sig. digits, plus multiplier 5% = 2 sig. digits, plus multiplier Example: 49R9F = 49.9, 1% 5R1J = 5.1, 5% 3011F = 3.01K, 1% 000Z = 0 Jumper
F TOLERANCE % D = 0.5% F = 1% J = 5%, Z = 0 Jumper
100 RT6 TC* PACKAGING 50ppm Papertape 20000 pcs 100ppm 200ppm *NOTE: Entering a TC value in this field is optional. If no TC is specified by the Customer, the default TC will be highest listed for Tolerance specified. www.vishay.com 31
Document Number 20008 Revision 28-Apr-03
For technical questions in Europe contact : ff1aresistors@vishay.com For technical questions in Americas/Asia contact : ff2bresistors@vishay.com
D...-CRCW
Vishay
Temperature Rise In C
90 80 70 60 50 2010 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 20 2512 40 60 0402 0603 0805 1206
Thick Film, Rectangular, Chip Resistors
Rated Power In %
120 100
1210
EIA*
80
CECC*
75 100 125 150 175 70 Ambient Temperature in C *There are differences in board layout and measurements between CECC and EIA. 0 - 55 -25 0 25 50
Temperature Rise
Power in W
Derating
CURRENT NOISE IN V/V
Non-Linearity A3 in dB
100
110 100 90 80 70 60 50 40 30 20 10 100 1K 10K 100K 1M 10M Resistance Value in 1206 0805 0603 0402
10
2 040 3 060 5 080
1
6 120
0.1 100 1K 10K 100K 1M 10M
Non-Linearity
Current Noise
Resistance Value in
PACKAGING
MODEL TAPE WIDTH D10 CRCW0402 D11 CRCW0603 D12 CRCW0805 D25 CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512
1) 2)
REEL DIAMETER PIECES / REEL PITCH 180mm / 7" 330mm / 13" 180mm / 7" 255mm / 10" 330mm / 13" 180mm / 7" 255mm / 10" 330mm / 13" 180mm / 7" 255mm / 10" 330mm / 13" 180mm / 7" 330mm / 13" 180mm / 7" 180mm / 7" 180mm / 7" 10000 50000 5000 10000 20000 5000 10000 20000 5000 10000 20000 5000 20000 4000 4000 2000 4000 2mm 2mm 4mm 4mm 4mm 4mm 4mm 4mm 4mm 4mm 4mm 4mm 4mm 4mm 4mm 8mm 4mm PACKAGING CODE PAPER2) 8mm Papertape 8mm Paper-/ Blistertape 8mm Paper-/ Blistertape 8mm Paper-/ Blistertape 8mm Paper-/Blistertape 12mm Blistertape 12mm Blistertape 12mm Blistertape P0 / RT7 PZ / RF4 P5 / RT1 P0 / RT5 PN / RT6 P5 / RT1 P0 / RT5 PN / RT6 P5 / RT1 P0 / RT5 PN / RT6 P5 / RT1 PN / RT6 B5/na BLISTER2)
BULK BULK FEEDING MAGAZINE PIECES/MAGAZINE PIECES1) CODE2) 50000 25000 MZ / B27 MU / B27
BN/na B5/na 10000 BN/na B5/na BN/na B5/na BN/na B4 / RT9 B4 / R02 B2 / R67 B4 / R82 MO / B27
On request, European / N.American packaging codes web page. www.vishay.com 32
na = NOT AVAILABLE * Further information about packaging: see appropriate catalog or Document Number 20008 Revision 28-Apr-03
For technical questions in Europe contact : ff1aresistors@vishay.com For technical questions in Americas/Asia contact : ff2bresistors@vishay.com
D...-CRCW
Thick Film, Rectangular, Chip Resistors
Phase angle in IZI - R0 in % R0
60 60
Vishay
D10 - CRCW0402
40 20 0 -20 -40 -60 -80 1 5 10 50 100 10 47 100 470 1 K
D10 - CRCW0402
40 20 0 -20 -40 10 100 470 1 K
4.7 K 12 K 500 1000 Frequency f in MHz
-60 -80 1 5 10 50 100 4.7 K 12 K 500 1000 Frequency f in MHz
HF - Performance
Phase angle in
60
HF - Performance
IZI - R0 in % R0
60
D11 - CRCW0603
40 20 0 -20 -40 -60 -80 1 5 10 50 100 4.7 K 10 K 1 4.7 10 47 100 470 1 K
D11 - CRCW0603
40 20 0 -20 -40 -60 -80 4.7 K 10 K 1 5 10 50 100 500 1000 Frequency f in MHz 1
4.7 K 10 100 470 1 K
HF - Performance
500 1000 Frequency f in MHz
HF - Performance
60
Phase angle in
60
IZI - R0 in % R0
D12 - CRCW0805
40 20 0 -20 -40 -60 -80 1 5 10 50 100 4.7 K 10 K 1 4.7 10 47 100 470 1 K
D12 - CRCW0805
40 20 0 -20 -40 -60 -80
1
4.7 K 10 47 1 K
4.7 K 10 K 1 5 10 50 100 500 1000 Frequency f in MHz
HF - Performance
Phase angle in
60
500 1000 Frequency f in MHz
HF - Performance
IZI - R0 in % R0
60 40
D12 - CRCW0805
40 20 0 -20 -40 -60 -80 1 5 10 50 100 4.7 K 10 K 1 4.7 10 47 100 470 1 K
D25 - CRCW1206
1
4.7 K 20 0 -20 -40 -60 -80 4.7 K 10 K 1 5 10 50 100 500 1000 Frequency f in MHz 10 47 470
HF - Performance
500 1000 Frequency f in MHz
HF - Performance
Document Number 20008 Revision 28-Apr-03
For technical questions in Europe contact : ff1aresistors@vishay.com For technical questions in Americas/Asia contact : ff2bresistors@vishay.com
www.vishay.com 33
D...-CRCW
Vishay
Thick Film, Rectangular, Chip Resistors
140
Temperature rise in u C
140 120 100 80 60 40 20
14
120
1 D1
100 80 60 40 20 0
u = f [s] Parameter: u
u
=2
C 0
D 12 -C R C
D2
C 40 60 C 80 C C 0 12 C 0 0 C
02 04 CW CR 0D1 03 06 W RC -C 05 08 W
5-
CR
CW
120
6
10
u = f [P] Parameter : size
0
20 40 60 80 100 120 140 160 180
0.5 Load in W
0.4
0.3
0.2
0.1
0
Film temperature s inC
R/R (t) = f [R/R (t = 1000h)] Parameter : time
0.01
0.01
Resistance change [R/R] in % after 1000h
1
0K
t=
1
00
00
0h
0.1
0.1
1
1
M
0M
0h 00 h 10 000 0h 5 00 2
1 10 1 0.1 0.01 Resistance change R/R % Stability nomogram typical values (for handling see general explanations)
10
00
h
R/R [t = 1000 h] = f [s] Parameter: resistance value
1 20
40
60
80
100 120 140 160 180 Film temperature s inC
100
u =2
u = [C]
120
0C
80
u =4
0C
60 0.25W
u =6
0C
40 0.125W 0.0625W 20
u u =8
0C
=1
C 00 u
=1
C 20
1
2
3
5
7
10
2
3
57
100
2
3
5
7
60
80
100
number of mounted resistors [pcs]
surface temperature s [C]
120
140
Power rating as a function of packaging density (guideline)
www.vishay.com 34
For technical questions in Europe contact : ff1aresistors@vishay.com For technical questions in Americas/Asia contact : ff2bresistors@vishay.com
Document Number 20008 Revision 28-Apr-03
D...-CRCW
Thick Film, Rectangular, Chip Resistors
Power Rating P in Watts
2512 1218 2010 1206 0805 0603 0402
Vishay
Power Rating P in Watts
1000
100 1218 1206 10 0805 0603 0402 1
100 10 1 0.1 a) P P (peak pulse, single pulse 0.01 10-6
Secondary Conditions:
0.10 Secondary Conditions:
b) u< 70 c) U see diagram (max pulse voltage)
a) P P (permissible constant power @ + 70C) b) u< 70 c) U see diagram (max pulse voltage)
10-5 0
10-4
10-3
10-2
Pulse Rating P
10-1 1 10 Square Pulse in ti s.
0.01 -6 10
10-5
10-4
10-3
10-2
Pulse Rating P P70
10-1 1 10 Square Pulse in ti s.
Pulse Voltage Umax in V
1400 1300 2512 1200 1100 1000 2010 900 800 1206/1218 700 600 500 0805 400 300 0603 200 100 0402 0 -6 10 10-5
Secondary Conditions: a) P see diagrams (Pulse Rating) b) u< 70
10-4
10-3
10-2
Maximum Pulse Voltage
10-1 1 10 Square Pulse in ti s.
PERFORMANCE
TEST CONDITIONS OF TEST REQUIREMENTS IN % 1) 0402 0805 1218 0201 0603 1206 2010 1210 2512 1.0 1.0 0.25 0.25 0.5 0.5 1.0 3.0 1.0 2.0
Endurance Test at 70C IEC 60115-1 4.25.1; EIA-575 Endurance at UCT IEC 60115-1 4.25.3 Overload Test IEC 60115-1 4.13; EIA-575 Thermal Shock IEC 60115-1 4.19; IEC 60068-2-14; EIA-575 Damp Heat Steady State IEC 60115-1 4.24; IEC 60068-2-3 Resistance to Soldering Heat IEC 60115-1 4.18; IEC 600 68-2-20; EIA-575
1)
1000 hours at 70C 1.5 hours "ON" 0.5 hours "OFF" 1000 hours at 125 C without load Short time overload, 2.5 x rated voltage or 2 x limiting element voltage. Rapid change between upper and lower category temperature
0.25 0.5 1.0 0.25 0.5 0.5
56 days at 40C and 93% relative humidity 10 seconds at 260C solder bath temperature
1.0 0.25
0.5
1.0 < 2.0
0.25 0.5 1.0
Limits for change of resistance at test acc. to CECC
APPLICABLE SPECIFICATIONS
* CECC40000 / 40400 / 40401-004,-006,-007,-802 * EN140400 / IEC 60115 - 1 * EIA-575
Document Number 20008 Revision 28-Apr-03 For technical questions in Europe contact : ff1aresistors@vishay.com For technical questions in Americas/Asia contact : ff2bresistors@vishay.com www.vishay.com 35


▲Up To Search▲   

 
Price & Availability of CRCW1210XXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X